Part Number Hot Search : 
AG603 1N823 YELLOW LT343 SIHFD220 PCJ1084F DS3612 AD7912
Product Description
Full Text Search
 

To Download MC100LVEL05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2 Input Differential AND/NAND
The MC100LVEL05 is a 2-input differential AND/NAND gate. The device is functionally equivalent to the MC100EL05 device and operates from a 3.3V supply voltage. With propagation delays and output transition times equivalent to the EL05, the LVEL05 is ideally suited for those applications which require the ultimate in AC performance at low voltage power supplies. Because a negative 2-input NAND is equivalent to a 2-input OR function, the differential inputs and outputs of the device allows the LVEL05 to also be used as a 2-input differential OR/NOR gate.
MC100LVEL05
* * * *
340ps Propagation Delay High Bandwidth Output Transitions 75k Internal Input Pulldown Resistors >2000V ESD Protection
D SUFFIX 8-LEAD PLASTIC SOIC PACKAGE CASE 751-05
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
D0 1 D0 2
8 VCC 7Q
D1 3
6Q
PIN DESCRIPTION
D1 4
5 VEE
PIN D0, D1 Q
FUNCTION Data Inputs Data Outputs
1/97
(c) Motorola, Inc. 1997
3-1
REV 0
MC100LVEL05
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
-40C Symbol IEE VEE IIH IIL Characteristic Power Supply Current Power Supply Voltage Input HIGH Current Input LOW Current 0.5 -3.0 Min Typ 18 Max 25 -3.8 150 0.5 -3.0 Min 0C Typ 18 Max 25 -3.8 150 0.5 -3.0 Min 25C Typ 18 Max 25 -3.8 150 0.5 -3.0 Min 85C Typ 19 Max 26 -3.8 150 Unit mA V A A
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
-40C Symbol tPLH tPHL VPP VCMR Characteristic Propagation Delay to Output Minimum Input Swing (Note 1.) Common Mode Range (Note 2.) VPP < 500mV VPP 500mV Output Rise/Fall Times Q (20% - 80%) Min 240 150 -2.1 -1.9 100 -0.2 -0.2 320 Typ 260 Max 440 Min 240 150 -2.2 -2.0 100 -0.2 -0.2 320 0C Typ Max 440 Min 240 150 -2.2 -2.0 100 210 -0.2 -0.2 320 25C Typ 340 Max 440 Min 250 150 V -2.2 -2.0 100 -0.2 -0.2 ps 320 85C Typ Max 450 mV Unit ps
tr tf
1. Minimum input swing for which AC parameters are guaranteed. The device has a DC gain of 40. 2. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1V. The lower end of the CMR range varies 1:1 with VEE. The number in the spec table assumes a nominal VEE = -3.3V. Note for PECL operation, the VCMR(min) will be fixed at 3.3V - |VCMR(min)|.
MOTOROLA
3-2
ECLinPS and ECLinPS Lite DL140 -- Rev 3
MC100LVEL05
OUTLINE DIMENSIONS
D SUFFIX PLASTIC SOIC PACKAGE CASE 751-05 ISSUE R
A
8
D
5
C
E
1 4
H
0.25
M
B
M
h B C e A
SEATING PLANE
X 45 _
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETERS. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.18 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_
q
L 0.10 A1 0.25 B
M
CB
S
A
S
q
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405; Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
ECLinPS and ECLinPS Lite DL140 -- Rev 3 3-3
MC100LVEL05/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC100LVEL05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X